PART |
Description |
Maker |
V54C365164VD |
HIGH PERFORMANCE 225/200/166/143 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
|
Mosel Vitelic Corp
|
V54C316162V V54C316162 V54C316162V-55 V54C316162V- |
200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
|
Mosel Vitelic Corp Mosel Vitelic, Corp
|
ATF1508AS ATF1508AS-10AC100 ATF1508AS-10JC84 ATF15 |
High performance EE PLD, 100MHz High Performance E2 PLD High performance EE PLD, 166.7MHz
|
ATMEL[ATMEL Corporation]
|
HLMA-QH00 HLMA-QH00-S0011 HLMA-QH00-S0012 HLMA-QH0 |
SubminiatureHighPerformanceAlInGaPLEDLamps
SubminiatureHighPerformanceASAlInGaPRedOrangeLEDLamps.GullWing.Bulk
SubminiatureHighPerformanceASAlInGaPRedOrangeLEDLamps.GullWing.7inchRee..
SubminiatureHighPerformanceASAlInGaPRedOrangeLEDLamps
Subminiature High Performance AS AlInGaP Red Orange LED Lamps. Gull Wing. 7 inch Reel Pin contact interface connectors; HRS No: 225-0014-8 02; No. of Positions: 50; Operating Temperature Range (degrees C): -55 to 85 超小型高性能T型车的AlInGaP红色橙色LED灯具 超小型高性能T型车的AlInGaP红色LED Pin contact interface connectors; HRS No: 225-0025-4 00; No. of Positions: 36; Operating Temperature Range (degrees C): -55 to 85 超小型高性能铝铟镓磷化物发光二极 Subminiature High Performance AlInGaP LED Lamps 超小型高性能铝铟镓磷化物发光二极 Subminiature High Performance AS AlInGaP Red LED Lamps 超小型高性能的AlInGaP红色LED
|
http:// HP[Agilent(Hewlett-Packard)] Ironwood Electronics Avago Technologies, Ltd. Agilent(Hewlett-Packard...
|
EPS13D2C2HA-166.000M |
OSCILLATORS 100PPM -20 70 3.3V 4 166.000MHZ TS LVHCMOS 5X7MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 166 MHz, LVCMOS OUTPUT
|
Ecliptek, Corp.
|
AMC-140SMA |
10-200 MHz, high performance amplifier, 29 dB gain
|
MA-Com
|
AMC-138SMA AM-138PIN |
High Performance Amplifier, 25 dB Gain, 10 - 200 MHz 10-200 MHz, high performance amplifier, 25 dB gain
|
Tyco Electronics MA-Com
|
CY25423SXI-XXX CY25403SXIT CY25423SXC-XXX |
Three PLL Programmable Clock Generator with Spread Spectrum 166 MHz, OTHER CLOCK GENERATOR, PDSO8 Three PLL Programmable Clock Generator; Voltage(V): 1.8/2.5/3.0/3.3 V; Input Frequency Range: 8 MHz to 166 MHz; Output Frequency Range: 3 MHz to 166 MHz; Operating Range: -40 to 85 C; Package: SOIC 166 MHz, OTHER CLOCK GENERATOR, PDSO8
|
Cypress Semiconductor, Corp.
|
BUXXTD2WNVX-E BU23TD2WNVX-XTL |
high-performance FULL CMOS regulator with 200-mA output, which is mounted on versatile package SSON004X1010 high-performance FULL CMOS regulator with 200-mA output, which is mounted on versatile package SSON004X1010
|
Rohm
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|